Part Number Hot Search : 
TK4P60DB 304B24 HCF40161 LP295 LM393A UPA834TF RT8025 05M05
Product Description
Full Text Search
 

To Download APT13003H-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  apt13003h datasheet number: ds 36305 rev. 2 - 2 1 of 6 www.diodes.com october 2014 ? diodes incorporated a product line of diodes incorporated apt13003 h 465v npn high voltage power transistor features ? bv ceo > 465v ? bv ces > 800v ? bv ebo > 9v ? i c = 1.5a h igh continuous collector current ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) applica tion s low p ower ac - dc smps for: ? battery charge r s for mobile phone / tablets / smartphones ? power supply for dvd / stb ? led l ighting mechanical data ? case: to92 or to126 ? case material: molded plastic, "green" molding compound; ul flammability classification rating 94v - 0 ? terminals: matte tin finish; solderable per mil - std - 202, method 208 ? weight: to92: 200mg ( a pproximate ) to126: 400mg ( a pproximate ) ordering information (note 4 ) product package marking quantity apt13003hztr - g1 to92 ( joggled legs ) 13003hz - g1 2,000 taped, per ammo box apt13003hu - g1 to126 gu13003h 4 , 000 bulk, loose per b ox note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu ( rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and ant imony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging det ails, go to our website at http: //www.diodes.com/products/packages.htm l . m arking information device schematic to126 = manufacturers code marking for to92: 13003hz - g1 = product type marking id for to126: gu13003h = product type marking id yww = d ate code marking e.g. 312 = year 2013, week 12. 8 = assembly site code xx = batch number to92 e c b front face view pin - out flat face view front face view 13003h z - g1 yww8xx gu 13003h yww8xx pin - out e c b bottom view c e b green
apt13003h datasheet number: ds 36305 rev. 2 - 2 2 of 6 www.diodes.com october 2014 ? diodes incorporated a product line of diodes incorporated apt13003 h absolute maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit collector - emitter voltage (v be = 0v) v ces 800 v collector - emitter voltage v ceo 465 v emitter - base voltage v ebo 9 v continuous collector current i c 1.5 a peak pulse collector current (note 5 ) i cm 3 a continuous base current i b 0.75 a peak pulse base current (note 5 ) i bm 1.5 a note : 5 . pulse test for pulse width < 5ms, duty cycle 10%. thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation for to 92 p d 1.1 w for to126 @ t c = +25c 20 thermal resistance, junction to ambient air for to92 r ja 113.6 c/w ? jc 83.3 c/w ? j, t stg - 6 5 to + 150 c esd ratings (note 6) characteristic symbol value unit jedec class electrostatic discharge - hu man body model esd hbm 8,000 v 3b electrostatic discharge - machine model esd mm 400 v c note : 6. refer to jedec specification jesd22 - a114 and jesd22 - a115. safe operating area and derating information (@ t a = +25c, unless otherwise specified.) safe operating areas (to92 package) safe operating areas (to126 package) 1 10 100 1000 1e-3 0.01 0.1 1 10 dc collector current i c (a) collector-emitter clamp voltage v ce (v) 1 10 100 1000 0.01 0.1 1 10 dc collector current i c (a) collector-emitter clamp voltage v ce (v)
apt13003h datasheet number: ds 36305 rev. 2 - 2 3 of 6 www.diodes.com october 2014 ? diodes incorporated a product line of diodes incorporated apt13003 h electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector - emitter breakdown voltage bv ces 800 c = 100a, v be = 0v collector - emitter breakdown voltage bv ceo 465 c = 100a emitter - base breakdown voltage bv ebo 9 e = 100a collector cutoff cur rent i cev ce = 800 v, v be = - 1.5v dc c urrent t ransfer static r atio (note 7 ) h fe 15 13 5 i c = 0.3a, v ce = 2 v i c = 0.5a, v ce = 2 v i c = 1.0a, v ce = 2 v collector - emitter saturation voltage ( note 7 ) v ce(sat) c = 0.5a , i b = 0.1a i c = 1a , i b = 0.25a base - emitter saturation voltage (note 7 ) v be(sat) c = 0.5 a, i b = 0.1a i c = 1 a, i b = 0.25a output capacitance c ob cb = 10 v, f = 0.1mhz transition frequency f t 4 c = 0.1a, v ce = 10 v turn - on time with resistive load t on c = 1 a, v cc = 125v, i b1 = 0.2a, i b2 = - 0.2a, t p = 25s storage time with resistive load t s f note: 7 . measured under pulsed conditions. pul se width 300s. duty cycle 2%.
apt13003h datasheet number: ds 36305 rev. 2 - 2 4 of 6 www.diodes.com october 2014 ? diodes incorporated a product line of diodes incorporated apt13003 h typical electrical characteristics (@ t a = +25c, unless otherwise specified.) static characteristics dc current gain vs. collector current collector - emitter saturation voltage base - emitter saturation voltage h fe vs. case temperature 0 1 2 3 4 5 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 i b =400ma i b =300ma i b =250ma i b =200ma i b =150ma i b =100ma i b =50ma collector current i c (a) collector-emitter voltage v ce (v) 0.1 1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 t j =125 o c base-emitter voltage v be (v) collector current i c (a) h fe =5 t j =25 o c 25 50 75 100 125 150 10 12 14 16 18 20 v ce =2v, i c =0.5a h fe case temperature ( o c) 0.01 0.1 1 0 5 10 15 20 25 30 35 40 t a =25 o c t a =125 o c collector current i c (a) dc current gain v ce =5v v ce =1v 0.1 1 0.01 0.1 1 10 t j =125 o c collector-emitter voltage v ce (v) collector current i c (a) h fe =5 t j =25 o c
apt13003h datasheet number: ds 36305 rev. 2 - 2 5 of 6 www.diodes.com october 2014 ? diodes incorporated a product line of diodes incorporated apt13003 h package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version. (1) package type: to92 type c (2) package type: to 126 note: for high voltage applications, the appropriate industry sector guidelines should be considered with rega rds to voltage spacing between t erminals. to92 type c dim min max typ a 3.30 3.70 - a2 1.10 1.4 0 - b 0.38 0.55 - c 0.36 0.51 - d 4.40 4.70 - d1 3.430 - - e 4.30 4.70 - e - - 1.27 e2 2.440 2.640 - h 0.00 0.38 - l 14.10 14.50 - l1 12.50 14.50 - l3 2.50 3.50 - ? - 1.60 - all dimensions in mm to126 dim min max typ a 2.400 2.900 - a2 1.060 1.500 - b 0.660 0.860 - b1 1.170 1.470 - c 0.400 0.600 - d 7.400 8.200 - e 10.60 11.20 - e - - 2.280 e1 - - 4.560 h 0.00 0.30 - l 14.50 15.90 - l1 1.700 2.100 - y 3.600 3.900 - ? 3.100 3.5 50 - all dimensions in mm ammo d e y l l1 b b1 e1 e a a2 h c ? e l d a e e ejection mark b1 taped bulk c e l1 ejection mark l2 l3 d1 a2 e2 e2 ? h b
apt13003h datasheet number: ds 36305 rev. 2 - 2 6 of 6 www.diodes.com october 2014 ? diodes incorporated a product line of diodes incorporated apt13003 h important notice diodes incorporated m akes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). di odes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liabi lity arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or produ cts described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporate d does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel . should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall ind emnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized appl ication. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are s pecifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or sy stems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significa nt injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. cus tomers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devi ces or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirement s concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 4 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of APT13003H-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X